PART |
Description |
Maker |
RN5RK301B-TL RN5RK302A-TL RN5RK301A RN5RK301A-TR R |
SOT-23-5 VFM STEP-UP DC/DC CONVERTER 采用SOT - 23 - 5 VFM的升压型DC / DC变换 SOT-23-5 VFM STEP-UP DC/DC CONVERTER 0.5 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 SOT-23-5 VFM STEP-UP DC/DC CONVERTER SWITCHING CONTROLLER, PDSO5 Power Management ICs 电源管理IC IC LOGIC 3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER 5V -40 85C QSOP-28 49/TUBE
|
Ricoh Co., Ltd. Electronic Theatre Controls, Inc. RICOH COMPANY LTD
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
GS-R51212S GS-R51515S |
31W Triple Output Step-Down Switching Regulator(31W三输出降压开关稳压器) 仅有31W三输出降压开关稳压器(仅1W三输出降压开关稳压器 31W TRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS 31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LT1959 LT1959C LT1959CR LT1959CS8 LT1959I LT1959IR |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Downn Switching Regulator From old datasheet system
|
LINER[Linear Technology]
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
LTC1628IG-SYNCPBF LTC1628-SYNC-15 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
MAX618 MAX618EEE |
28V, PWM, Step-Up DC-DC Converter 28V / PWM / Step-Up DC-DC Converter 3.3-V ABT Scan Test Devices With 18-Bit Universal Bus Transceivers 68-CFP -55 to 125 3 A SWITCHING REGULATOR, 312 kHz SWITCHING FREQ-MAX, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
RH5RI301B-T1 RH5RI501B-T1 RH5RIXX3B RH5RIXX2B RH5R |
Power Management ICs VFM STEP-UP DC/DC CONVERTER 0.25 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 VFM STEP-UP DC/DC CONVERTER 0.05 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3 VFM STEP-UP DC/DC CONVERTER 衡工量值式升压型DC / DC变换 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO5 0.05 A SWITCHING CONTROLLER, 100 kHz SWITCHING FREQ-MAX, PSSO3 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSSO3
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|